Part Number Hot Search : 
CTF90 OHS3019U SAMTEC ML4813 TN0201K PMP4201V TPSMC18A MP02T
Product Description
Full Text Search
 

To Download SB120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. SB120 THRU SB160
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 20 TO 60V CURRENT: 1.0A
FEATURES
* Epitaxial construction for chip * High current capability * Low forward voltage drop * Low power loss, high efficiency * High surge capability * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO - 41
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
SYMBOL
VRRM Maximum Repetitive Peak Reverse Voltage V VRMS V Maximum RMS Voltage VDC V Maximum DC Blocking Voltage Maximum Average Forward Rectified Current IF(AV) 1.0 A (9.5mm lead length,at TL=100oC Peak Forward Surge Current (8.3ms single IFSM 40.0 A half sine-wave superimposed on rated load) 0.5 0.7 VF Maximum Forward Voltage (at 1.0A DC) V o 1.0 Maximum DC Reverse Current mA Ta=25 C IR o 10.0 (at rated DC blocking voltage) mA Ta=100 C 110 CJ Typical Junction Capacitance (Note 1) pF o 50 Typical Thermal Resistance (Note 2) R (ja) C/W o -65 to +125 -65 to +150 TJ Operating Junction Temperature C o -65 to +150 TSTG Storage Temperature C Note: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2.Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, vertical P.C. board mounted
SB 120 20 14 20
SB 130 30 21 30
SB 140 40 28 40
SB 150 50 35 50
SB 160 60 42 60
UNITS
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of SB120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X